Part Number Hot Search : 
CMK04 M100K AC05FGM 75639S3S 2AZ24VDC UN5111 Q6704 CIL464C
Product Description
Full Text Search
 

To Download M39016XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  contact ratings contact type operations load min. hfw,hmb,hms 2 a @ 28 vdc resistive 100,000 hfw4a 4 a @ 28 vdc resistive 100,000 hfw5a 5 a @ 28 vdc resistive 100,000 0.75 a @ 28 vdc inductive (200mh) 100,000 0.1 a @ 115 vac, 60 hz & 400 hz resistive 100,000 0.3 a @ 115 vac, 60 hz & 400 hz resistive 100,000 0.1 a @ 28 vdc intermediate 50,000 0.160 a @ 28 vdc lamp 100,000 30 ? @ 50 mvdc low level 1,000,000 rf performance frequency (mhz) rf losses (db) vswr isolation (db) 100 0.1 1.17:1 40 500 0.3 1.19:1 28 1000 0.4 1.19:1 23 hms sensitive half size high-performance relay qualified to mil??9016/44 features hermetically sealed up to 2 amps switching high shock & vibration ratings optional terminals & mounting styles excellent rf switching hmb bifilar half size high-performance relay qualified to mil??9016/22 features hermetically sealed up to 2 amps switching high shock & vibration ratings optional terminals & mounting styles excellent rf switching hfw hfw4a hfw5a standard half size high-performance relay qualified to mil??9016/6 features hermetically sealed up to 5 amps switching high shock & vibration ratings optional terminals & mounting styles excellent rf switching hfw hfw4a hfw5a hmb hms electrical characteristics contact arrangement 2 form c (dpdt) contact material stationary: hardened silver alloy moveable: gold plated hardened silver alloy contact resistance before life: 50 milliohms max. (measured at 10 ma @ 6 vdc) after life: 100 milliohms max. (measured @ 2 a @ 28 vdc) mechanical life expectancy 50 million operations coil voltage 5 to 48 vdc coil power 1.4 watts max. @ 25? duty cycle continuous pick-up voltage approximately 50% of nominal coil voltage pick-up sensitivity@25? 145 to 260 mw (hfw) 325 mw (hmb) 100 to 125 mw (hms) 30 half size high performance relays tyco electronics corporation www.tycoelectronics.com 800-522-6752 (u.s.a.) or 717-564-0100 specifications subject to chan ge. cii and tyco are trademarks. ?2003 by tyco electronics corporation terminal view terminal view terminal view blue bead b1 a2 x1 a3 a1 b2 x2 b3 (+) blue bead a1 b2 x1 b1 a2 a3 (+) b3 x2 blue bead b1 a2 x1 a3 a1 b2 x2 b3 (+)
31 half size high performance relays tyco electronics corporation www.tycoelectronics.com 800-522-6752 (u.s.a.) or 717-564-0100 specifications subject to chan ge. cii and tyco are trademarks. ?2003 by tyco electronics corporation standard coil data nom. coil pickup pickup drop-out drop-out nom. coil max. coil coil resistance voltage voltage voltage voltage power coil desig. voltage in ohms vdc (max.) vdc (min.) vdc (min.) vdc (min.) (mw) voltage (vdc) ?0% @ 25? @ 25? @ 125? @ 25? @ -65? @ 25? hfw/hfw4a/hfw5a 5.0 27 2.7 3.8 0.29 0.21 926 6.0 l 6.0 40 3.2 4.5 0.35 0.25 900 7.5 f 12.0 160 6.4 9.0 0.7 0.5 900 15.0 g 26.5 700 13.5 18.0 1.5 1.0 1003 32.0 k hmb 6.0 40 3.6 4.8 0.35 0.25 900 7.5 f 12.0 160 7.2 9.6 0.7 0.5 900 15.0 g 26.5 700 15.0 20.0 1.5 1.0 1003 32.0 k hms 5.0 47 2.2 3.2 0.21 0.12 532 7.0 s001 6.0 75 2.75 4.0 0.27 0.17 480 9.0 s002 12.0 310 5.6 8.0 0.55 0.35 465 20.0 s003 26.5 1,030 11.4 16.5 1.1 0.7 682 35.0 s004 30.0 1,620 14.3 21.0 1.4 0.9 556 44.0 s005 36.0 2,640 18.0 26.0 1.8 1.1 491 56.0 s006 other 6-8 60 3.5 4.85 0.35 0.22 817 9.0 a (avail. for 12-15 320 6.8 9.42 0.68 0.44 570 21.0 b hfw/hfw4a 18.0 520 9.5 13.16 0.95 0.62 623 27.0 j relays only) 26.5-32 1,250 14.0 19.4 1.5 0.98 684 42.0 d 40.0 2,700 21.3 29.5 2.1 1.37 593 61.0 h 48.0 3,500 25.5 35.3 2.5 1.63 658 70.0 e operating characteristics timing operate time: 4.0 ms max. (hfw) 5.0 ms max. (hmb) 6.0 ms max. (hms) release time: 4.0 ms max. (hfw) 5.0 ms max. (hmb/hms) contact bounce 2.0 ms max. dielectric withstanding voltage between open contacts: 500 vrms 60 hz between adjacent contacts: 1000 vrms 60 hz between contacts & coil: 1000 vrms 60 hz insulation resistance 10,000 megohms min. @ 500 vdc mounting styles terminals specifying a part number example : type terminals mountings coils fea tures hfw 12 30 k 00 (n/a hms) environmental characteristics temperature range -65? to +125? weight 0.46 oz. (13 gms max.) vibration resistance hfw/hmb/hms: standard: 20 gs, 10 to 2,000 hz hfw/hmb: qpl: 30 gs,10 to 3,000 hz hms: qpl: 20 gs, 10 to 2,500 hz shock resistance 100 gs, 6 ? ms 50 gs, 11 ? ms (hms) qpl approval mil-r-39016/6 (hfw) mil-r-39016/22 (hmb) mil-r-39016/44 (hms) hfw hfw4a hfw5a hmb hms 01 30 31 12 11 c l .200 (5.08) .600 (15.24) .400 (10.16) c l .030 rad. (.76) .190 max (4.83) blue bead .200 (5.08) .400 (10.16) c l c l .030 +.008 .006 (.76 +.003 .002) .187 .020 (4.75 .51) .600 (15.24) blue bead .030 +.008 .006 (.76 +.003 .002) 1.062 (26.97) 1.078 (27.38) 1.062 (26.97) c l c l c l .020 (.51) c l .020 (.51) .125 .010 (3.18 .25) .410 max (10.41) .410 max (10.41) .410 max (10.41) .410 max (10.41) .410 max (10.41) .120 .002 (3.05 .05) c l c l .250 .010 (6.35 .25) .810 max (20.57) .810 max (20.57) 1.320 max (33.53) .810 max (20.57) 1.320 max (33.53) 1.078 (27.38) .410 max (10.41) .120 .002 (3.05 .05)


▲Up To Search▲   

 
Price & Availability of M39016XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X